Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9072 Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 37Page - Dialog Semiconductor DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor DA9072 Datasheet HTML 40Page - Dialog Semiconductor DA9072 Datasheet HTML 41Page - Dialog Semiconductor DA9072 Datasheet HTML 42Page - Dialog Semiconductor DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
41 of 113
© 2021 Dialog Semiconductor
Two timers apply to power cycling: the wait timer and the period timer. The wait time allows the host
to take action before power is shut down and can be set between 0 s and 2 s. The period timer
controls how long the outputs are powered down before restart and can be set between 5 s and 20 s.
Both timers are programmable, the wait timer by PWR_CYC_WAIT_PER (register 0x0012 [7:6]) and
the period timer by PWR_CYC_PER (register 0x0012 [5:4]).
The power cycle timing using the RIN_N pushbutton is shown in Figure 25. The RESET time is set
by bits RIN_N_PER_RST (register 0x0010 [7:6]). The RIN_N push button timer can be used for
power cycling only when VDD_PWR is present.
RIN_N
SYS_FLT
ROUT_N
tINTR
tRST_D
tWAKE2
tWAKE1
(don t care)
LDOx
tINTR
tINTR
tRESET
tWAIT
tPERIOD
Buck
Figure 25: Power Cycle by Push Button Timer
Alternately, the VDD_PWR plug can be used to initiate a power cycle as shown in Figure 26.
VDD_PWR must go low and high three times within 8 s. After the 8 s period, the power cycle begins.
VDD_PWR (case 1)
SYS_FLT
ROUT_N
tRST_D
LDOx
tINTR
< 8 sec
tPERIOD
UVLO
tWAIT
UVLO
VDD_PWR (case 2)
>150ms
>150ms
Buck
Figure 26: Power Cycle by VDD_PWR Insertion
The force power cycle bit PWR_CYC_FRC (register 0x0012 [2]) follows the same power cycle period
and behavior but does not impose any wait time; power cycle shutdown occurs immediately.
4.6.2
Fault Triggered Power Cycle
The DA9072 also initiates a power cycle in response to various fault conditions, listed in Table 29.
Those not listed as always on trigger a power cycle only if that option is enabled. Fault triggered
power cycles are intended to protect the system from a potentially damaging condition. The behavior
is different to a user-initiated power cycle.
When a fault triggered power cycle occurs, the wait time is skipped and all outputs are shut down
immediately. When the power cycle period ends, the initial OTP register values are re-loaded at
restart, including any outputs that are enabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com