Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9072 Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 52Page - Dialog Semiconductor DA9072 Datasheet HTML 53Page - Dialog Semiconductor DA9072 Datasheet HTML 54Page - Dialog Semiconductor DA9072 Datasheet HTML 55Page - Dialog Semiconductor DA9072 Datasheet HTML 56Page - Dialog Semiconductor DA9072 Datasheet HTML 57Page - Dialog Semiconductor DA9072 Datasheet HTML 58Page - Dialog Semiconductor DA9072 Datasheet HTML 59Page - Dialog Semiconductor DA9072 Datasheet HTML 60Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
56 of 113
© 2021 Dialog Semiconductor
Register
Addr 7
6
5
4
3
2
1
0
SYS_IMR_2
0x00
0A
Reserved
IMR_TS_OFF
IMR_CHG_TMR
IMR_RECHG_STAR
T
IMR_CHG_DO
NE
IMR_PRECHG
IMR_BAT_SPPL
IMR_SLP
SYS_IMR_3
0x00
0B
Reserved
Reserved
Reserved
Reserved
Reserved
IMR_BUCK_UVP
IMR_BUCK_OVP
IMR_BUCK_OC
P
SYS_IMR_4
0x00
0C
IMR_PWR_PL
GGD
IMR_MODE_FALL
IMR_MODE_RI
SE
IMR_WD
IMR_OVT
IMR_RIN_N_RST
IMR_RIN_N_WAKE2
IMR_RIN_N_W
AKE1
SYS_SYS_0
0x00
0D
INIT_REGS
Reserved
Reserved
Reserved
Reserved
Reserved 1
HZ_MODE
EN_SHIPMODE
SYS_BAT_0
0x00
0E
Reserved
Reserved
Reserved
VBAT_DIV_RATIO
Reserved
BUVLO<2:0>
SYS_BAT_1
0x00
0F
Reserved
Reserved
Reserved
TS_TRIG
Reserved
Reserved
IDISCHG_MON_EN VBATDIV_EN
SYS_RIN_N_
0
0x00
10
RIN_N_PER_RST<1:0>
RIN_N_PER_W
AKE2
RIN_N_PER_WAKE
1
RIN_N_RST_ROUT_EN<1:0>
RIN_N_RST_REC<1:0>
SYS_STS_O
UT_0
0x00
11
Reserved
Reserved
Reserved
PWR_FLT_MODE
Reserved
Reserved
Reserved
SYS_FLT_MOD
E
SYS_PWR_C
YC_0
0x00
12
PWR_CYC_WAIT_PER<1:0>
PWR_CYC_PER<1:0>
Reserved
PWR_CYC_FRC
PWR_CYC_MODE
PWR_CYC_EN
SYS_PWR_C
YC_1
0x00
13
Reserved
BUCK_UVP_PWR_
CYC_EN
Reserved 0
BUCK_OCP_PWR_
CYC_EN
Reserved 0
Reserved
Reserved 0
BTS_PWR_CYC
_EN
SYS_WD_0
0x00
14
WD_RST_RE
GS_EN
WD_ROUT_EN
WD_TMR_PER<1:0>
WD_CLR_SEL<1:0>
WD_EN<1:0>
SYS_I2C_0
0x00
15
Reserved
Reserved
Reserved
Reserved
Reserved
I2C_RDCLR_DIS
I2C_RST_TMR_EN I2C_HIZ_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com