Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9072 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor DA9072 Datasheet HTML 21Page - Dialog Semiconductor DA9072 Datasheet HTML 22Page - Dialog Semiconductor DA9072 Datasheet HTML 23Page - Dialog Semiconductor DA9072 Datasheet HTML 24Page - Dialog Semiconductor DA9072 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
21 of 113
© 2021 Dialog Semiconductor
2.4.9
Pushbutton Timer
Table 16: Pushbutton Timer (RIN_N)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VRIN_N_LOLVL
Low-level input voltage
0.3
V
RPU_RIN_N
Internal pull-up resistance
120
kΩ
2.4.10
Digital Outputs
Table 17: Digital Output Pins (SYS_FLT, PWR_FLT, and ROUT_N)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
VOUT_LO
Low level output threshold
Sinking current = 5 mA
0.25*V
DDIO
V
ILKG_TO_IN
Leakage current into pin
High impedance state
0
12
nA
tINTR
Interrupt pulse width
SYS_FLT
128
μs
tRST_D
Reset pulse duration
ROUT_N
400
ms
2.4.11
Buck Regulator
Table 18: Buck
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
RON_PMOS
High-side on resistance
600
800
mΩ
RON_NMOS
Low-side on resistance
300
450
mΩ
tSTART
Start-up delay time
From BUCK_EN = 1 to
switching
3
ms
ILIM_SW_PMOS
SW current limit PMOS
VFB_BUCK = 1.8 V
600
mA
tOFF_BUCK
Off time
VFB_BUCK = 1.8 V
270
ns
fSW_BUCK
Switching frequency
Continuous conduction mode
3
MHz
ILIM_PMOS_SO
FTSTART
PMOS switch current limit
during softstart
300
mA
VOUT_FB_BUC
K
Buck output voltage range
Programmable range, 50 mV
steps (VOUT_FB_BUCK_HI >
1.9 V, VDD_BUCK > 2.7 V)
0.6
2.1
V
VOUT_FB_BUC
K_HI
Buck output voltage range
HI programmable range, 50
mV steps, VOUT_RANGE_HI = 1
1.3
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com