Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLP12840 Datasheet(PDF) 38 Page - Zilog, Inc.

Part # ZLP12840
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840 Datasheet(HTML) 38 Page - Zilog, Inc.

Back Button ZLP12840 Datasheet HTML 34Page - Zilog, Inc. ZLP12840 Datasheet HTML 35Page - Zilog, Inc. ZLP12840 Datasheet HTML 36Page - Zilog, Inc. ZLP12840 Datasheet HTML 37Page - Zilog, Inc. ZLP12840 Datasheet HTML 38Page - Zilog, Inc. ZLP12840 Datasheet HTML 39Page - Zilog, Inc. ZLP12840 Datasheet HTML 40Page - Zilog, Inc. ZLP12840 Datasheet HTML 41Page - Zilog, Inc. ZLP12840 Datasheet HTML 42Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Port 3 Register
ZLP12840 OTP MCU
Product Specification
27
This register is not reset after a stop-mode recovery.
[3]
Read:
0
1
0
1
Port 3, pin 3 Input—Writing this bit has no effect.
If P3M[1]=0:
P33 is Low.
P33 is High.
If P3M[1]=1 or SMR4[4]=1:
SMR condition exists.
SMR condition does not exist.
[2]
Read:
0
1
0
1
Port 3, pin 2 Input—Writing this bit has no effect.
If P3M[1]=0:
P32 input is Low.
P32 input is High.
If P3M[1]=1:
Comparator 2 output is Low.
Comparator 2 output is High.
[1]
Read:
0
1
0
1
0
1
Port 3, pin 1 Input—Writing this bit has no effect.
If P3M[2:1]=00:
P31 input is Low.
P31 input is High.
If P3M[2:1]=01:
Comparator 1 output is Low.
Comparator 1 output is High.
If P3M[2:1]=10 or 11:
IR amplifier output is Low.
IR amplifier output is High.
[0]
Read:
0
1
1
Port 3, pin 0 Input—Writing this bit has no effect.
If P3M[1]=00:
P30 input is Low.
P30 input is High.
If P3M[1]=1:
Reads as 1.
Bit
Position Value Description
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com