Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 24Page - Microchip Technology MIC2582 Datasheet HTML 25Page - Microchip Technology MIC2582 Datasheet HTML 26Page - Microchip Technology MIC2582 Datasheet HTML 27Page - Microchip Technology MIC2582 Datasheet HTML 28Page - Microchip Technology MIC2582 Datasheet HTML 29Page - Microchip Technology MIC2582 Datasheet HTML 30Page - Microchip Technology MIC2582 Datasheet HTML 31Page - Microchip Technology MIC2582 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 29
MIC2582/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2582-JYM:
MIC2582, 100 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 8-Lead
SOIC, 95/Tube
b) MIC2583-KYQS:
MIC2583, 150 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 16-Lead
QSOP, 98/Tube
c) MIC2583R-LYQS:
MIC2583R, 200 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 16-Lead
QSOP, 98/Tube
d) MIC2582-MYM-TR:
MIC2582, Fast Circuit Breaker
Threshold Off, –40°C to +85°C
Temp. Range, 8-Lead SOIC, 2500/
Reel
e) MIC2583-JYQS-TR:
MIC2583, 100 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 16-Lead
QSOP, 2500/Reel
f) MIC2583R-KYQS-TR:
MIC2583R, 150 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 16-Lead
QSOP, 2500/Reel
g) MIC2583-LYQS:
MIC2583, 200 mV Fast Circuit
Breaker Threshold, –40°C to
+85°C Temp. Range, 16-Lead
QSOP, 98/Tube
h) MIC2583R-MYQS:
MIC2583R, Fast Circuit Breaker
Threshold Off, –40°C to +85°C
Temp. Range, 16-Lead QSOP, 98/
Tube
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
Device
-X
X
XX
-XX
Part No.
Fast Circuit
Breaker
Threshold
Temperature
Range
Package
Media Type
Device:
MIC2582: Single-Channel Hot Swap Controller
MIC2583: Single-Channel Hot Swap Controller with
Power Good Status Output
MIC2583R: Single-Channel Hot Swap Controller with
Power Good and Auto-Restart
Fast Circuit Breaker
Threshold:
J
=
100 mV
K
=
150 mV (MIC2583 & MIC2583R Only)
L
=
200 mV (MIC2583 & MIC2583R Only)
M
=
Off
Temperature Range:
Y
=
–40°C to +85°C
Package:
M
=
8-Lead SOIC
QS =
16-Lead QSOP
Media Type:
<blank>= 95/Tube (SOIC Option Only)
<blank>= 98/Tube (QSOP Option Only)
TR =
2500/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com