Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 7Page - Microchip Technology MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology MIC2582 Datasheet HTML 10Page - Microchip Technology MIC2582 Datasheet HTML 11Page - Microchip Technology MIC2582 Datasheet HTML 12Page - Microchip Technology MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 11
MIC2582/3
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
SOIC-8
Pin Number
QSOP-16
Pin Name
Description
1
1
/POR
Power-on-Reset output: Open-drain N-channel device, active-low.
This pin remains asserted during start-up until a time period (tPOR)
after the FB pin voltage rises above the power good threshold
(VFB). The timing capacitor CPOR determines tPOR. When the out-
put voltage monitored at the FB pin falls below VFB, /POR is
asserted for a minimum of one timing cycle (tPOR). The /POR pin
requires a pull-up resistor (10 kΩ minimum) to VCC.
2
3
ON
ON input: Active-high. The ON pin is an input to a Schmitt-triggered
comparator used to enable/disable the controller, is compared to a
1.24V reference with 50 mV of hysteresis. When a logic high is
applied to the ON pin (VON > 1.24V), a start-up sequence begins
and the GATE pin starts ramping up towards its final operating volt-
age. When the ON pin receives a logic low signal (VON < 1.19V),
the GATE pin is grounded and /FAULT remains high if VCC is above
the UVLO threshold. ON must be low for at least 20 µs after VCC is
above the UVLO threshold in order to initiate a start-up sequence.
Additionally, toggling the ON pin LOW to HIGH resets the circuit
breaker.
3
4
CPOR
Power-on-Reset timer: A capacitor connected between this pin and
ground sets the supply contact start-up delay (tSTART) and the
power-on reset interval (tPOR). When VCC rises above the UVLO
threshold, and the ON pin is above the ON threshold, the capacitor
connected to CPOR begins to charge. When the voltage at CPOR
crosses 0.3V, the start-up threshold (VSTART), a start cycle is initi-
ated if ON is asserted while capacitor CPOR is immediately dis-
charged to ground. When the voltage at FB rises above VFB,
capacitor CPOR begins to charge again. When the voltage at
CPOR rises above the power-on reset delay threshold (VTH), the
timer resets by pulling CPOR to ground, and /POR is de-asserted.
If CPOR is left open, then tSTART defaults to 20 µs.
4
7, 8
GND
Ground connection: Tie to analog ground.
5
12
FB
Power Good Threshold input (Undervoltage detect): This input is
internally compared to a 1.24V reference with 30 mV of hysteresis.
An external resistive divider may be used to set the voltage at this
pin. If this input momentarily goes below 1.24V, then /POR is acti-
vated for one timing cycle, tPOR, indicating an output undervoltage
condition. The /POR signal de-asserts one timing cycle after the FB
pin exceeds the power good threshold by 30 mV. A 5 µs filter on
this pin prevents glitches from inadvertently activating this signal.
6
14
GATE
Gate Drive output: Connects to the gate of an external N-channel
MOSFET. An internal clamp ensures that no more than 9V is
applied between the GATE pin and the source of the external MOS-
FET. The GATE pin is immediately brought low when either the cir-
cuit breaker trips or an undervoltage lockout condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com