Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology MIC2582 Datasheet HTML 10Page - Microchip Technology MIC2582 Datasheet HTML 11Page - Microchip Technology MIC2582 Datasheet HTML 12Page - Microchip Technology MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology MIC2582 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MIC2582/3
DS20006573A-page 12
2021 Microchip Technology Inc.
Note:
Please refer to the Start-Up Cycle section and Figure 1-3 for a detailed explanation of the start-up and oper-
ation sequence of the MIC2582 pins shown in Table 3-1.
7
15
SENSE
Circuit Breaker Sense input: A resistor between this pin and VCC
sets the current-limit threshold. Whenever the voltage across the
sense resistor exceeds the slow trip current-limit threshold (VTRIPS-
LOW), the GATE voltage is adjusted to ensure a constant load cur-
rent. If VTRIPSLOW (50 mV) is exceeded for longer than time period
tOCSLOW, then the circuit breaker is tripped and the GATE pin is
immediately pulled low. If the voltage across the sense resistor
exceeds the fast trip circuit breaker threshold, VTRIPFAST, at any
point due to fast, high amplitude power supply faults, then the
GATE pin is immediately brought low without delay. To disable the
circuit breaker, the SENSE and VCC pins can be tied together. The
default VTRIPFAST for either device is 100 mV. Other fast trip thresh-
olds are available: 150 mV, 200 mV, or OFF (VTRIPFAST disabled).
Please contact Microchip for availability of other options.
8
16
VCC
Positive Supply input: 2.3V to 13.2V. The GATE pin is held low by
an internal undervoltage lockout circuit until VCC exceeds a thresh-
old of 2.2V. If VCC exceeds 13.2V, an internal shunt regulator pro-
tects the chip from transient voltages up to 20V at the VCC and
SENSE pins.
—
2
PWRGD
Power Good output: Open-drain N-channel device, active-high.
When the voltage at the FB pin is lower than 1.24V, PWRGD output
is held low. When the voltage at the FB pin exceeds 1.24V, then
PWRGD is asserted immediately. The PWRGD pin requires a
pull-up resistor (10 kΩ minimum) to VCC.
—
5
CFILTER
Current-Limit Response timer: A capacitor connected to this pin
defines the period of time (tOCSLOW) in which an overcurrent event
must last to signal a fault condition and trip the circuit breaker. If no
capacitor is connected, then tOCSLOW defaults to 5 µs.
—
11
/FAULT
Circuit Breaker Fault Status output: Open-drain N-channel device,
active-low. The /FAULT pin is asserted when the circuit breaker
trips due to an overcurrent condition or when an undervoltage lock-
out condition exists. The/FAULT pin requires a pull-up resistor
(10 kΩ minimum) to VCC.
—
13
DIS
Discharge output: When the MIC2583/3R is turned off, a 500Ω
internal resistor at this output allows the discharging of any load
capacitance to ground.
—
6, 9, 10
NC
No internal connection.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
SOIC-8
Pin Number
QSOP-16
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com