Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 12Page - Microchip Technology MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology MIC2582 Datasheet HTML 16Page - Microchip Technology MIC2582 Datasheet HTML 17Page - Microchip Technology MIC2582 Datasheet HTML 18Page - Microchip Technology MIC2582 Datasheet HTML 19Page - Microchip Technology MIC2582 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MIC2582/3
DS20006573A-page 16
2021 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Design Consideration for Output
Undervoltage Detection
For output undervoltage detection, the first
consideration is to establish the output voltage level
that indicates “power is good.” For this example, the
output value for which a 12V supply will signal “good” is
11V. Next, consider the tolerances of the input supply
and FB threshold (VFB). For this example, the 12V
supply varies ±5%, thus the resulting output voltage
may be as low as 11.4V and as high as 12.6V.
Additionally, the FB threshold has ±50 mV tolerance
and may be as low as 1.19V and as high as 1.29V.
Thus, to determine the values of the resistive divider
network (R5 and R6) at the FB pin, shown in the Typical
Application Circuit, use the following iterative design
procedure.
• Choose R6 to allow 100 µA or more in the FB
resistive divider branch.
EQUATION 5-1:
• Next, determine R5 using the output “good”
voltage of 11V and the following equation.
EQUATION 5-2:
Using some basic algebra and simplifying Equation 5-2
to isolate R5 yields:
EQUATION 5-3:
Substituting these values into Equation 5-3 now yields
R5 = 93.33 kΩ. A standard 93.1 kΩ ±1% is selected.
Now, consider the 11.4V minimum output voltage, the
lower tolerance for R6 and higher tolerance for R5,
12.28 kΩ and 94.03 kΩ, respectively. With only 11.4V
available, the voltage sensed at the FB pin exceeds
VFB(MAX), thus the /POR and PWRGD (MIC2583/3R)
signals will transition from LOW to HIGH, indicating
“power is good” given the worse case tolerances of this
example. Lastly, in giving consideration to the leakage
current associated with the FB input, it is
recommended to either provide ample design margin
(20 mV to 30 mV) to allow for loss in the potential (∆V)
at the FB pin, or allow >100 µA to flow in the FB resistor
network.
5.2
PCB Connection Sense
There are several configuration options for the
MIC2582/83’s ON pin to detect if the PCB has been
fully seated in the backplane before initiating a start-up
cycle. In the Typical Application Circuit, the
MIC2582/83 is mounted on the PCB with a resistive
divider network connected to the ON pin. R2 is
connected to a short pin on the PCB edge connector.
Until the connectors mate, the ON pin is held low, which
keeps the GATE output charge pump off. Once the
connectors mate, the resistor network is pulled up to
the input supply, 12V in this example, and the ON pin
FIGURE 5-1:
PCB Connection Sense with ON/OFF Control.
R6
VFB MAX
100A
-------------------------
1.29V
100A
-----------------
12.9k
=
=
=
R6 is chosen as 12.4 kΩ ±1%.
VOUT GOOD
VFB
R5 R6
+
R6
--------------------
=
R5
R6
VOUT GOOD
VFB MAX
----------------------------------
1
–
=
Where:
VFB(MAX) = 1.29V
VOUT(GOOD) = 11V
R6 = 12.4 kΩ
GND
/ON_OFF
C3
0.05μF
SENSE
VCC
ON
CPOR
DIS
FB
GATE
GND
/POR
/FAULT
Long
Pin
Backplane
Connector
PCB Edge
Connector
Long
Pin
Medium or
Short Pin
Undervoltage (Output) = 4.45V
/POR Delay = 25ms
START-UP Delay = 6ms
*Q2 is TN0201T (SOT-23)
**R8 is optional for noise filtering
Additional pins omitted for clarity.
Downstream
Signal
Short
Pin
PCB Connection Sense
Q1
Si7860DP
(PowerPAK SOIC-8)
**R8
10
R7
10.5k
1%
R4
20k
R1
33k
R3
100
*Q2
R9
20
MIC2583
C1
1μF
C2
0.01μF
R5
20k
CLOAD
220μF
R2
33k
R6
27.4k
1%
VOUT
5V@3A
VIN
VIN
5V
/FAULT
1
7,8
4
16
15
12
13
3
11
14
RSENSE
0.010
5%
12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com