Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology MIC2582 Datasheet HTML 16Page - Microchip Technology MIC2582 Datasheet HTML 17Page - Microchip Technology MIC2582 Datasheet HTML 18Page - Microchip Technology MIC2582 Datasheet HTML 19Page - Microchip Technology MIC2582 Datasheet HTML 20Page - Microchip Technology MIC2582 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 17
MIC2582/3
voltage exceeds its threshold (VON) of 1.24V and the
MIC2582/83 initiates a start-up cycle. In Figure 5-1, the
connection sense consisting of a discrete logic-level
MOSFET and a few resistors allows for interrupt control
from the processor or other signal controller to shut off
the output of the MIC2582/83. R4 pulls the GATE of Q2
to VIN and the ON pin is held low until the connectors
are fully mated.
Once the connectors fully mate, a logic LOW at the
/ON_OFF signal turns Q2 off and allows the ON pin to
pull up above its threshold and initiate a start-up cycle.
Applying a logic HIGH at the /ON_OFF signal will turn
Q2 on and short the ON pin of the MIC2582/83 to
ground which turns off the GATE output charge pump.
5.3
Higher UVLO Setting
Once a PCB is inserted into a backplane (power
supply), the internal UVLO circuit of the MIC2582/83
holds the GATE output charge pump off until VCC
exceeds 2.2V. If VCC falls below 2.1V, the UVLO circuit
pulls the GATE output to ground and clears the
overvoltage and/or current limit faults. A typical 12V
application, for example, should implement a higher
UVLO than the internal 2.1V threshold of MIC2582 to
avoid delivering power to downstream modules/loads
while the input is below tolerance. For a higher UVLO
threshold, the circuit in Figure 5-2 can be used to delay
the output MOSFET from switching on until the desired
input voltage is achieved. The circuit allows the charge
pump to remain off until VIN exceeds (1 + R1/R2) x
1.24V. The GATE drive output will be shut down when
VIN falls below (1 + R1/R2) x 1.19V. In the example
circuit (Figure 5-2), the rising UVLO threshold is set at
approximately 9.5V and the falling UVLO threshold is
established as 9.1V. The circuit consists of an external
resistor divider at the ON pin that keeps the GATE
output charge pump off until the voltage at the ON pin
exceeds its threshold (VON) and after the start-up timer
elapses.
5.4
5V Switch with 3.3V Supply
Generation
The MIC2582/83 can be configured to switch a primary
supply while generating a secondary regulated voltage
rail. The circuit in Figure 5-3 enables the MIC2582 to
switch a 5V supply while also providing a 3.3V low
dropout regulated supply with only a few added
external components. Upon enabling the MIC2582, the
GATE output voltage increases and thus the 3.3V
supply also begins to ramp. As the 3.3V output supply
crosses 3.3V, the FB pin threshold is also exceeded
which triggers the power-on reset comparator. The
/POR pin goes HIGH, turning on transistor Q3, which
lowers the voltage on the gate of MOSFET Q2. The
result is a regulated 3.3V supply with the gate feedback
loop of Q2 compensated by capacitor C3 and resistors
R4 and R5. For MOSFET Q2, special consideration
must be given to the power dissipation capability of the
selected MOSFET as 1.5V to 2V will drop across the
device during normal operation in this application.
Therefore, the device is susceptible to overheating
dependent upon the current requirements for the
regulated output. In this example, the power dissipated
by Q2 is approximately 1W. However, a substantial
amount of power will be generated with higher current
requirements and/or conditions. As a general guideline,
expect the ambient temperature within the power
supply box to exceed the maximum operating ambient
temperature of the system environment by
approximately 20°C. Given the MOSFET’s Rθ(JA) and
the expected power dissipated by the MOSFET, an
approximation for the junction temperature at which the
device will operate is obtained as follows:
EQUATION 5-4:
FIGURE 5-2:
Higher UVLO Setting.
TJ
PD RJA
TA
+
=
Where:
TA = TA(MAXOP) + 20°C.
SENSE
VCC
ON
FB
GATE
GND
Undervoltage Lockout Threshold (rising) = 9.5V
Undervoltage Lockout Threshold (falling) = 9.1V
Undervoltage (Output) = 11.4V
Additional pins omitted for clarity.
Q1
IRF7822
(SOIC-8)
R3
10
Ω
R5
16.2k
Ω
1%
R1
332k
Ω
1%
R2
49.9k
Ω
1%
MIC2582
C1
1
μF
D1
(18V)
C2
0.01
μF
C LOAD
220
μF
R4
133k
Ω
1%
V OUT
12V@4A
V IN
12V
4
87
5
2
6
R SENSE
0.010
Ω
5%
12
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com