Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 10Page - Microchip Technology MIC2582 Datasheet HTML 11Page - Microchip Technology MIC2582 Datasheet HTML 12Page - Microchip Technology MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology MIC2582 Datasheet HTML 16Page - Microchip Technology MIC2582 Datasheet HTML 17Page - Microchip Technology MIC2582 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MIC2582/3
DS20006573A-page 14
2021 Microchip Technology Inc.
4.3.1
LOAD CAPACITANCE-DOMINATED
START-UP
In this case, the load capacitance (CLOAD) is large
enough to cause the inrush current to exceed the
programmed current limit, but is less than the fast-trip
threshold (or the fast-trip threshold is disabled, ‘M’
option). During start-up under this condition, the load
current is regulated at the programmed current-limit
value (ILIM) and held constant until the output voltage
rises to its final value. The output slew rate and
equivalent GATE voltage slew rate is computed by the
following equation:
EQUATION 4-3:
Consequently, the value of CFILTER must be selected to
ensure that the overcurrent response time, tOCSLOW,
exceeds the time needed for the output to reach its final
value. For example, given a MOSFET with an input
capacitance CISS = CGATE = 4700 pF, CLOAD is
2200 µF, and ILIM is set to 6A with a 12V input, then the
load capacitance dominates as determined by the
calculated Inrush > ILIM. Therefore, the output voltage
slew rate determined from Equation 4-3 is:
EQUATION 4-4:
The resulting tOCSLOW needed to achieve a 12V output
is approximately 4.5 ms. (See the Power-on-Reset and
Overcurrent Timer Delays section to calculate
tOCSLOW).
4.3.2
GATE CAPACITANCE-DOMINATED
START-UP
In this case, the value of the load capacitance relative
to the GATE capacitance is small enough such that the
load current during start-up never exceeds the
current-limit threshold as determined by Equation 4-1.
The minimum value of CGATE that will ensure that the
current limit is never exceeded is given by the following
equation:
EQUATION 4-5:
Table 4-1 depicts the output slew rate for various
values of CGATE.
4.4
Current Limiting and Dual-Level
Circuit Breaking
Many applications will require that the inrush and
steady-state supply current be limited at a specific
value in order to protect critical components within the
system. Connecting a sense resistor between the VCC
and SENSE pins sets the nominal current limit value of
the MIC2582/83 and the current limit is calculated
using Equation 4-1.
The MIC2582/83 also features a dual-level circuit
breaker triggered via the 50 mV and 100 mV
current-limit thresholds which are sensed across the
VCC and SENSE pins. The first level of the circuit
breaker functions as follows. For the MIC2583/3R,
once the voltage sensed across these two pins
exceeds 50 mV, the overcurrent timer, its duration set
by capacitor CFILTER, starts to ramp the voltage at
CFILTER using a 6.5 µA constant current source. If the
voltage at CFILTER reaches the overcurrent timer
threshold (VTH) of 1.24V, then CFILTER immediately
returns to ground as the circuit breaker trips and the
GATE output is immediately shut down. The default
overcurrent time period for the MIC2582/83 is 5 µs. For
the second level, if the voltage sensed across VCC and
SENSE exceeds 100 mV at any time, the circuit
breaker trips and the GATE shuts down immediately,
bypassing the overcurrent time period. The
MIC2582-MYM option is equipped with only a single
circuit breaker threshold (50 mV). To disable
current-limit and circuit breaker operation, tie the
SENSE and VCC pins together and the CFILTER
(MIC2583/3R) pin to ground.
dVOUT dt
ILIM
CLOAD
------------------
=
Output voltage slew rate:
Where:
ILIM = The programmed current-limit value.
dVOUT dt
6A
2200F
--------------------
2.73V/ms
=
=
TABLE 4-1:
OUTPUT SLEW RATE
SELECTION FOR GATE
CAPACITANCE-DOMINATED
START-UP
IGATE = 17 µA
CGATE
dVOUT/dt
0.001 µF
17V/ms
0.01 µF
1.7V/ms
0.1 µF
0.17V/ms
1 µF
0.017V/ms
dVOUT dt
IGATE
CGATE
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com