Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200Z Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 33Page - NXP Semiconductors MMPF0200Z Datasheet HTML 34Page - NXP Semiconductors MMPF0200Z Datasheet HTML 35Page - NXP Semiconductors MMPF0200Z Datasheet HTML 36Page - NXP Semiconductors MMPF0200Z Datasheet HTML 37Page - NXP Semiconductors MMPF0200Z Datasheet HTML 38Page - NXP Semiconductors MMPF0200Z Datasheet HTML 39Page - NXP Semiconductors MMPF0200Z Datasheet HTML 40Page - NXP Semiconductors MMPF0200Z Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
3. Sleep Mode: The output voltage can be higher or lower than in normal operation, but is typically selected to be the lowest
state retention voltage of a given processor; it is selected by I2C bits SW1ABOFF[5:0] for SW1A/B and by bits
SWxOFF[6:0] for SW2, and SW3A/B. Voltage transitions initiated by a turn-off event are governed by the
SW1ABDVSSPEED[1:0] and SWxDVSSPEED[1:0] I2C bits shown in Table 32 and Table 33, respectively.
Table 30, Table 31, Table 32, and Table 33 summarize the set point control and DVS time stepping applied to all regulators.
The regulators have a strong sourcing capability and sinking capability in PWM mode, therefore the fastest rising and falling
slopes are determined by the regulator in PWM mode. However, if the regulators are programmed in PFM or APS mode during
a DVS transition, the falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced,
controlled DVS transitions in PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode
operation.
The following diagram shows the general behavior for the regulators when initiated with I2C programming, or standby control.
During the DVS period the overcurrent condition on the regulator should be masked.
Table 30. DVS Control Logic for SW1A/B
STANDBY
Set Point Selected by
0
SW1AB[5:0]
1
SW1ABSTBY[5:0]
Table 31. DVS Control Logic for SW2 and SW3A/B
STANDBY
Set Point Selected by
0
SWx[6:0]
1
SWxSTBY[6:0]
Table 32. DVS Speed Selection for SW1A/B
SW1ABDVSSPEED[1:0]
Function
00
25 mV step each 2.0
s
01 (default)
25 mV step each 4.0
s
10
25 mV step each 8.0
s
11
25 mV step each 16
s
Table 33. DVS Speed Selection for SW2 and SW3A/B
SWxDVSSPEED[1:0]
Function
SWx[6] = 0 or SWxSTBY[6] = 0
Function
SWx[6] = 1 or SWxSTBY[6] = 1
00
25 mV step each 2.0
s
50 mV step each 4.0
s
01 (default)
25 mV step each 4.0
s
50 mV step each 8.0
s
10
25 mV step each 8.0
s
50 mV step each 16
s
11
25 mV step each 16
s
50 mV step each 32
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com