Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200Z Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 54Page - NXP Semiconductors MMPF0200Z Datasheet HTML 55Page - NXP Semiconductors MMPF0200Z Datasheet HTML 56Page - NXP Semiconductors MMPF0200Z Datasheet HTML 57Page - NXP Semiconductors MMPF0200Z Datasheet HTML 58Page - NXP Semiconductors MMPF0200Z Datasheet HTML 59Page - NXP Semiconductors MMPF0200Z Datasheet HTML 60Page - NXP Semiconductors MMPF0200Z Datasheet HTML 61Page - NXP Semiconductors MMPF0200Z Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
Analog Integrated Circuit Device Data
58
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
Table 62. Register SW3AOFF - ADDR 0x3E
Name
Bit #
R/W
Default
Description
SW3AOFF
5:0
R/W
0x00
Sets the SW3A output voltage (Independent) or
SW3A/B output voltage (Single phase), during
Sleep mode. See Table 58 for all possible
configurations.
SW3AOFF
6
R
0x00
Sets the operating output voltage range for SW3A
(Independent) or SW3A/B (Single phase) on
Sleep mode. This bit inherits the value configured
on bit SW3A[6] during OTP or TBB configuration.
See Table 58 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 63. Register SW3AMODE - ADDR 0x3F
Name
Bit #
R/W
Default
Description
SW3AMODE
3:0
R/W
0x80
Sets the SW3A (Independent) or SW3A/B (Single
phase) switching operation mode.
See Table 28 for all possible configurations.
UNUSED
4
–
0x00
UNUSED
SW3AOMODE
5
R/W
0x00
Set status of SW3A (Independent) or SW3A/B
(Single phase) when in Sleep mode.
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
UNUSED
Table 64. Register SW3ACONF - ADDR 0x40
Name
Bit #
R/W
Default
Description
SW3AILIM
0
R/W
0x00
SW3A current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW3AFREQ
3:2
R/W
0x00
SW3A switching frequency selector. See
Table 36.
SW3APHASE
5:4
R/W
0x00
SW3A Phase clock selection. See Table 34.
SW3ADVSSPEED
7:6
R/W
0x00
SW3A DVS speed selection. See Table 33.
Table 65. Register SW3BVOLT - ADDR 0x43
Name
Bit #
R/W
Default
Description
SW3B
5:0
R/W
0x00
Sets the SW3B output voltage (Independent)
during normal operation mode. See Table 58 for
all possible configurations.
SW3B
6
R
0x00
Sets the operating output voltage range for SW3B
(Independent). Set during OTP or TBB
configuration only. See Table 58 for all possible
configurations.
UNUSED
7
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com