Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200Z Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 90Page - NXP Semiconductors MMPF0200Z Datasheet HTML 91Page - NXP Semiconductors MMPF0200Z Datasheet HTML 92Page - NXP Semiconductors MMPF0200Z Datasheet HTML 93Page - NXP Semiconductors MMPF0200Z Datasheet HTML 94Page - NXP Semiconductors MMPF0200Z Datasheet HTML 95Page - NXP Semiconductors MMPF0200Z Datasheet HTML 96Page - NXP Semiconductors MMPF0200Z Datasheet HTML 97Page - NXP Semiconductors MMPF0200Z Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 118 page
background image
Analog Integrated Circuit Device Data
94
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Control Interface I2C Block Description
6.5.5
Specific Registers
6.5.5.1
IC and Version Identification
The IC and other version details can be read via identification bits. These are hard-wired on chip and described in Tables 113 to
115.
VGEN5FAULTS
4
R
0
VGEN5 Overcurrent sense bit
0 = Normal operation
1 = Above current limit
VGEN6FAULTS
5
R
0
VGEN6 Overcurrent sense bit
0 = Normal operation
1 = Above current limit
UNUSED
7:6
–
00
Unused
Table 113. Register DEVICEID - ADDR 0x00
Name
Bit #
R/W
Default
Description
DEVICEID
3:0
R
0x01
Die version.
0001 = PF0200
UNUSED
7:4
–
0x01
Unused
Table 114. Register SILICON REV- ADDR 0x03
Name
Bit #
R/W
Default
Description
METAL_LAYER_REV
3:0
R
XX
Represents the metal mask revision
Pass 0.0 = 0000
.
.
Pass 0.15 = 1111
FULL_LAYER_REV
7:4
R
XX
Represents the full mask revision
Pass 1.0 = 0001
.
.
Pass 15.0 = 1111
Notes
69.
Default value depends on the silicon revision.
Table 115. Register FABID - ADDR 0x04
Name
Bit #
R/W
Default
Description
FIN
1:0
R
0x00
Allows for characterizing different options within
the same reticule
FAB
3:2
R
0x00
Represents the wafer manufacturing facility
Unused
7:0
R
0x00
Unused
Table 112. Register INTSENSE4 - ADDR 0x13 (continued)
Name
Bit #
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com