Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200Z Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MMPF0200Z
Description  12 Channel Configurable Power Management Integrated Circuit
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200Z Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MMPF0200Z Datasheet HTML 58Page - NXP Semiconductors MMPF0200Z Datasheet HTML 59Page - NXP Semiconductors MMPF0200Z Datasheet HTML 60Page - NXP Semiconductors MMPF0200Z Datasheet HTML 61Page - NXP Semiconductors MMPF0200Z Datasheet HTML 62Page - NXP Semiconductors MMPF0200Z Datasheet HTML 63Page - NXP Semiconductors MMPF0200Z Datasheet HTML 64Page - NXP Semiconductors MMPF0200Z Datasheet HTML 65Page - NXP Semiconductors MMPF0200Z Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
Analog Integrated Circuit Device Data
62
Freescale Semiconductor
PF0200Z
Functional Block Requirements and Behaviors
Power Generation
Figure 17. SW3AB Single Phase Efficiency Waveforms
SWITCH MODE SUPPLY SW3A/B (CONTINUED)
SW3A N-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
ISW3ANQ
––
2.5
µA
SW3B P-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
RONSW3BP
–
215
245
m
SW3B N-MOSFET RDS(on)
at VIN = VINSW3B = 3.3 V
RONSW3BN
–
258
326
m
SW3B P-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
ISW3BPQ
––
7.5
µA
SW3B N-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
ISW3BPQ
––
2.5
µA
Discharge Resistance
RSW3xDIS
–
600
–
Notes
45.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
46.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW3x - VSW3x) = ISW3x* (DCR of Inductor +RONSW3xP + PCB trace resistance).
Table 71. SW3A/B Electrical Characteristics (continued)
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
 (%
)
Load Current (mA)
PFM ‐ Vout = 1.5V
APS ‐ Vout = 1.5V
PWM ‐ Vout = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com