Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5373CAB180 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 13Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 14Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 15Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 16Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 17Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 18Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
17
5.5
Oscillator and PLL Electrical Characteristics
SDRAM and FlexBus Output Low Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
IOL = 5.0 mA for all modes
SDVOL
—
—
—
0.3
0.3
0.5
V
Input Leakage Current
Vin = VDD or VSS, Input-only pins
Iin
−1.0
1.0
μA
Weak Internal Pull-Up Device Current, tested at VIL Max.
1
IAPU
−10
−130
μA
Input Capacitance 2
All input-only pins
All input/output (three-state) pins
Cin
—
—
7
7
pF
1
Refer to the signals section for pins having weak internal pull-up devices.
2
This parameter is characterized before qualification rather than 100% tested.
Table 8. PLL Electrical Characteristics
Num
Characteristic
Symbol
Min.
Value
Max.
Value
Unit
1
PLL Reference Frequency Range
Crystal reference
External reference
fref_crystal
fref_ext
12
12
251
401
MHz
MHz
2
Core frequency
CLKOUT Frequency2
fsys
fsys/3
488 x 10−6
163 x 10−6
240
80
MHz
MHz
3
Crystal Start-up Time3, 4
tcst
—10
ms
4
EXTAL Input High Voltage
Crystal Mode5
All other modes (External, Limp)
VIHEXT
VIHEXT
VXTAL + 0.4
EVDD/2 + 0.4
—
—
V
V
5
EXTAL Input Low Voltage
Crystal Mode5
All other modes (External, Limp)
VILEXT
VILEXT
—
—
VXTAL – 0.4
EVDD/2 – 0.4
V
V
7
PLL Lock Time 3, 6
tlpll
—
50000
CLKIN
8
Duty Cycle of reference 3
tdc
40
60
%
9
XTAL Current
IXTAL
13
mA
10
Total on-chip stray capacitance on XTAL
CS_XTAL
1.5
pF
11
Total on-chip stray capacitance on EXTAL
CS_EXTAL
1.5
pF
12
Crystal capacitive load
CL
See crystal
spec
13
Discrete load capacitance for XTAL
CL_XTAL
2*CL –
CS_XTAL –
CPCB_XTAL
7
pF
Table 7. DC Electrical Specifications (continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com