Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5373CAB180 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MCF5373CAB180
Description  MCF537x ColdFire짰 Microprocessor Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCF5373CAB180 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MCF5373CAB180 Datasheet HTML 19Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 20Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 21Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 22Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 23Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 24Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 25Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 26Page - NXP Semiconductors MCF5373CAB180 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Electrical Characteristics
MCF537x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
23
Figure 10. SDR Read Timing
5.7.2
DDR SDRAM AC Timing Characteristics
When using the SDRAM controller in DDR mode, the following timing numbers must be followed to properly latch or drive
data onto the memory bus. All timing numbers are relative to the four DQS byte lanes.
Table 11. DDR Timing Specifications
Num
Characteristic
Symbol
Min
Max
Unit
•
Frequency of Operation
tDDCK
60
80
Mhz
DD1
Clock Period1
tDDSK
12.5
16.67
ns
DD2
Pulse Width High2
tDDCKH
0.45
0.55
SD_CLK
DD3
Pulse Width Low3
tDDCKL
0.45
0.55
SD_CLK
DD4
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE,
SD_CS[1:0] - Output Valid3
tSDCHACV
—
0.5
× SD_CLK
+1.0
ns
DD5
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE,
SD_CS[1:0] - Output Hold
tSDCHACI
2.0
—
ns
DD6
Write Command to first DQS Latching Transition
tCMDVDQ
—
1.25
SD_CLK
DD7
Data and Data Mask Output Setup (DQ-->DQS) Relative
to DQS (DDR Write Mode)4, 5
tDQDMV
1.5
—
ns
SD_CLK
SD_CSn,
SDDM
D[31:0]
A[23:0],
SD_RAS,
SD_BA[1:0]
CMD
ROW
SD1
SD4
COL
WD1
WD2
WD3
WD4
SD9
3/4 MCLK
SD_SDR_DQS
SD_DQS[3:2]
Delayed
SD10
SD7
Board Delay
SD8
Board Delay
SD6
tDQS
Reference
SD_CLK
from
Memories
(Measured at Output Pin)
(Measured at Input Pin)
SD5
NOTE: Data driven from memories relative
to delayed memory clock.
SD_WE
SD_CAS,
SD2
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com