Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 44 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 44 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 40Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 41Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 42Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 43Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 44Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 45Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 46Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 47Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 48Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
cycle time of the device (tRC). The minimum time interval between ACTIVATE com-
mands to different banks is tRRD.
Figure 15: ACTIVATE Command
Bankn
row addr
Row addr
ACTIVATE
NOP
ACTIVATE
READ
PRECHARGE
ACTIVATE
NOP
NOP
Bankm
row addr
Row addr
Bankn
col addr
Col addr
Bankn
Bankn
row addr
Row addr
T0
T1
T2
T3
Tn
Tn+1
Tn+2
Tn+3
CK_c
CK_t
CA[9:0]
CMD
tRRD
tRCD
tRC
tRAS
tRP
Notes:
1. tRCD = 3, tRP = 3, tRRD = 2.
2. A PRECHARGE ALL command uses tRPab timing, and a single-bank PRECHARGE com-
mand uses tRPpb timing. In this figure, tRP is used to denote either an all-bank PRE-
CHARGE or a single-bank PRECHARGE.
8-Bank Device Operation
Two rules regarding 8-bank device operation must be observed: One rule restricts the
number of sequential ACTIVATE commands that can be issued; the second rule pro-
vides additional RAS precharge time for a PRECHARGE ALL command.
The 8-Bank Device Sequential Bank Activation Restriction: No more than four banks
can be activated (or refreshed, in the case of REFpb) in a rolling tFAW window. To con-
vert to clocks, divide tFAW[ns] by tCK[ns], and round up to the next integer value. For
example, if RU(tFAW/tCK) is 10 clocks, and an ACTIVATE command is issued in clock n,
no more than three further ACTIVATE commands can be issued at or between clock
n + 1 and n + 9. REFpb also counts as bank activation for purposes of tFAW.
The 8-Bank Device PRECHARGE ALL Provision: tRP for a PRECHARGE ALL command
must equal tRPab, which is greater than tRPpb.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
ACTIVATE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
44
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com