Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 54 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 54 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 50Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 51Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 52Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 53Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 54Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 55Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 56Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 57Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 58Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
Figure 29: Burst WRITE Followed by Burst READ – RL = 3, WL = 1, BL = 4
Bank m
col addr a
Col addr a
WRITE
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK#
CK
CA[9:0]
CMD
DQS#
DQS
DQ
WL = 1
RL = 3
tWTR
Transitioning data
NOP
NOP
NOP
NOP
READ
D
IN A0
D
IN A1
D
IN A2
D
IN A3
NOP
NOP
Bank n
col addr b
Col addr b
Notes:
1. The minimum number of clock cycles from the burst WRITE command to the burst READ
command for any bank is [WL + 1 + BL/2 + RU(tWTR/tCK)].
2. tWTR starts at the rising edge of the clock after the last valid input data.
3. If a WRITE burst is truncated with a BST command, the effective burst length of the
truncated WRITE burst should be used as BL to calculate the minimum WRITE-to-READ
delay.
Figure 30: Seamless Burst WRITE – WL = 1, BL = 4, tCCD = 2
Bank m
col addr a
Col addr a
WRITE
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK#
CK
CA[9:0]
CMD
DQS#
DQS
DQ
WL = 1
Transitioning data
WRITE
NOP
NOP
NOP
tCCD = 2
NOP
D
IN B0
D
IN B1
D
IN B2
D
IN B3
D
IN A0
D
IN A1
D
IN A2
D
IN A3
NOP
NOP
Bank n
col addr b
Col addr b
Note:
1. The seamless burst WRITE operation is supported by enabling a WRITE command every
other clock for BL = 4 operation, every four clocks for BL = 8 operation, or every eight
clocks for BL = 16 operation. This operation is supported for any activated bank.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Burst WRITE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
54
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com