Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 25 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 25 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 21Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 22Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 23Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 24Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 25Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 26Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 27Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 28Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 29Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
Functional Description
Mobile LPDDR2 is a high-speed SDRAM internally configured as a 4- or 8-bank memory
device. The device uses a double data rate architecture on the command/address (CA)
bus to reduce the number of input pins in the system. The 10-bit CA bus is used to
transmit command, address, and bank information. Each command uses one clock cy-
cle, during which command information is transferred on both the rising and falling
edges of the clock.
The LPDDR2-S4 device uses a double data rate architecture on the DQ pins to achieve
high- speed operation. The double data rate architecture is essentially a 4n prefetch ar-
chitecture with an interface designed to transfer two data bits per DQ every clock cycle
at the I/O pins. A single read or write access for the LPDDR2-S4 effectively consists of a
single 4n-bit-wide, one-clock-cycle data transfer at the internal SDRAM core and four
corresponding n-bit-wide, one-half-clock-cycle data transfers at the I/O pins.
Read and write access is burst oriented; access starts at a selected location and contin-
ues for a programmed number of locations in a programmed sequence.
Access begins with the registration of an ACTIVATE command followed by a READ or
WRITE command. Registered address and BA bits that coincide with the ACTIVATE
command are used to select the row and bank to be accessed. Registered address bits
that coincide with the READ or WRITE command are used to select the bank and the
starting column location for the burst access.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Functional Description
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
25
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com