| Electronic Components Datasheet Search |
|
EDBA164B4PK-1DATF-R Datasheet(PDF) 29 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
EDBA164B4PK-1DATF-R Datasheet(HTML) 29 Page - Micron Technology |
|
29 / 152 page ![]() 3. RESET Command After tINIT3 is satisfied, the MRW RESET command must be issued (Td). An optional PRECHARGE ALL command can be issued prior to the MRW RESET command. Wait at least tINIT4 while keeping CKE asserted and issuing NOP commands. 4. MRRs and Device Auto Initialization (DAI) Polling After tINIT4 is satisfied (Te), only MRR commands and power-down entry/exit com- mands are supported. After Te, CKE can go LOW in alignment with power-down entry and exit specifications (see Power-Down). The MRR command can be used to poll the DAI bit, which indicates when device auto initialization is complete; otherwise, the controller must wait a minimum of tINIT5 or until the DAI bit is set before proceeding. Because the memory output buffers are not properly configured by Te, some AC param- eters must use relaxed timing specifications before the system is appropriately config- ured. After the memory device sets the DAI bit (MR0, DAI) to zero, indicating DAI complete, the device is in the idle state (Tf ). DAI status can be determined by issuing the MRR command to MR0. The device sets the DAI bit no later than tINIT5 after the RESET command. The control- ler must wait at least tINIT5 or until the DAI bit is set before proceeding. 5. ZQ Calibration After tINIT5 (Tf ), the MRW initialization calibration (ZQ calibration) command can be issued to the memory (MR10). This command is used to calibrate output impedance over process, voltage, and tem- perature. In systems where more than one Mobile LPDDR2 device exists on the same bus, the controller must not overlap MRW ZQ calibration commands. The device is ready for normal operation after tZQINIT. 6. Normal Operation After (Tg), the MRW command must be used to properly configure the memory, includ- ing, for example, output buffer drive strength, latencies,and so on. Specifically, MR1, MR2, and MR3 must be set to configure the memory for the target frequency and mem- ory configuration. After the initialization sequence is complete, the device is ready for any valid command. After Tg, the clock frequency can be changed using the procedure described in Input Clock Frequency Changes and Stop Events. 216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Power-Up and Initialization 09005aef85eb530a 216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN 29 Micron Technology, Inc. reserves the right to change products or specifications without notice. © 2014 Micron Technology, Inc. All rights reserved. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |