Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 56 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 56 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 52Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 53Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 54Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 55Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 56Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 57Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 58Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 59Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 60Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
• The 4-bit prefetch architecture enables BST command assertion on even clock cycles
following a WRITE or READ command. The effective burst length of a READ or WRITE
command truncated by a BST command is thus an integer multiple of four.
Figure 32: Burst WRITE Truncated by BST – WL = 1, BL = 16
Bank m
col addr a
Col addr a
WRITE
NOP
T0
T1
T2
T3
T4
T5
T6
T7
T8
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
WL = 1
Transitioning data
BST prohibited
NOP
NOP
BST
NOP
WL × tCK + tDQSS
NOP
D
IN A4
D
IN A5
D
IN A6
D
IN A7
D
IN A0
D
IN A1
D
IN A2
D
IN A3
NOP
NOP
Notes:
1. The BST command truncates an ongoing WRITE burst WL × tCK + tDQSS after the rising
edge of the clock where the BST command is issued.
2. BST can only be issued an even number of clock cycles after the WRITE command.
3. Additional BST commands are not supported after T4 and must not be issued until after
the next READ or WRITE command.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
BURST TERMINATE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
56
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com