Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 45 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 45 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 41Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 42Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 43Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 44Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 45Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 46Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 47Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 48Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 49Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 152 page
background image
Figure 16: tFAW Timing (8-Bank Devices)
CK_c
CK_t
CA[9:0]
Tn
Tn+
Tm
Tm+
Tx
Tx+
Ty
Ty + 1
Ty + 2
Tz
Tz + 1
Tz + 2
Bank
A
ACTIVATE
NOP
CMD
Bank
A
Bank
B
ACTIVATE
NOP
Bank
B
Bank
C
ACTIVATE
NOP
Bank
C
Bank
D
ACTIVATE
NOP
Bank
D
NOP
NOP
Bank
E
ACTIVATE
NOP
Bank
E
tRRD
tFAW
tRRD
tRRD
Note:
1. Exclusively for 8-bank devices.
Read and Write Access Modes
After a bank is activated, a READ or WRITE command can be issued with CS_n LOW,
CA0 HIGH, and CA1 LOW at the rising edge of the clock. CA2 must also be defined at
this time to determine whether the access cycle is a READ operation (CA2 HIGH) or a
WRITE operation (CA2 LOW). A single READ or WRITE command initiates a burst
READ or burst WRITE operation on successive clock cycles.
A new burst access must not interrupt the previous 4-bit burst operation when BL = 4.
When BL = 8 or BL = 16, a READ can be interrupted by a READ and a WRITE can be
interrupted by a WRITE, provided that the interrupt occurs on a 4-bit boundary and
that tCCD is met.
Burst READ Command
The burst READ command is initiated with CS# LOW, CA0 HIGH, CA1 LOW, and CA2
HIGH at the rising edge of the clock. The command address bus inputs, CA5r–CA6r and
CA1f–CA9f, determine the starting column address for the burst. The read latency (RL)
is defined from the rising edge of the clock on which the READ command is issued to
the rising edge of the clock from which the tDQSCK delay is measured. The first valid
data is available RL × tCK + tDQSCK + tDQSQ after the rising edge of the clock when the
READ command is issued. The data strobe output is driven LOW tRPRE before the first
valid rising strobe edge. The first bit of the burst is synchronized with the first rising
edge of the data strobe. Each subsequent data-out appears on each DQ pin, edge-
aligned with the data strobe. The RL is programmed in the mode registers.
Pin input timings for the data strobe are measured relative to the crosspoint of DQS and
its complement, DQS#.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Read and Write Access Modes
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
45
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com