Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDBA164B4PK-1DATF-R Datasheet(PDF) 129 Page - Micron Technology

Part # EDBA164B4PK-1DATF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PK-1DATF-R Datasheet(HTML) 129 Page - Micron Technology

Back Button EDBA164B4PK-1DATF-R Datasheet HTML 125Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 126Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 127Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 128Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 129Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 130Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 131Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 132Page - Micron Technology EDBA164B4PK-1DATF-R Datasheet HTML 133Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 152 page
background image
Cycle Time Derating for Core Timing Parameters
For a given number of clocks (tnPARAM), when tCK(avg) and tERR(tnPARAM),act exceed
tERR(tnPARAM),allowed, cycle time derating may be required for core timing parame-
ters.
CycleTimeDerating = max
tPARAM +tERR(tnPARAM),act – tERR(tnPARAM),allowed
– tCK(avg) , 0
tnPARAM
Cycle time derating analysis should be conducted for each core timing parameter. The
amount of cycle time derating required is the maximum of the cycle time deratings de-
termined for each individual core timing parameter.
Clock Cycle Derating for Core Timing Parameters
For each core timing parameter and a given number of clocks (tnPARAM), clock cycle
derating should be specified with tJIT(per).
For a given number of clocks (tnPARAM), when tCK(avg) plus (tERR(tnPARAM),act) ex-
ceed the supported cumulative tERR(tnPARAM),allowed, derating is required. If the
equation below results in a positive value for a core timing parameter (tCORE), the re-
quired clock cycle derating will be that positive value (in clocks).
ClockCycleDerating = RU
tPARAM + tERR(tnPARAM),act – tERR(tnPARAM),allowed
– tnPARAM
tCK(avg)
Cycle-time derating analysis should be conducted for each core timing parameter.
Clock Jitter Effects on Command/Address Timing Parameters
Command/address timing parameters (tIS, tIH, tISCKE, tIHCKE, tISb, tIHb, tISCKEb,
tIHCKEb) are measured from a command/address signal (CKE, CS_n, or CA[9:0]) transi-
tion edge to its respective clock signal (CK_t/CK_c) crossing. The specification values
are not affected by the tJIT(per) applied, because the setup and hold times are relative to
the clock signal crossing that latches the command/address. Regardless of clock jitter
values, these values must be met.
Clock Jitter Effects on READ Timing Parameters
tRPRE
When the device is operated with input clock jitter, tRPRE must be derated by the
tJIT(per),act,max of the input clock that exceeds tJIT(per),allowed,max. Output derat-
ings are relative to the input clock:
tRPRE(min,derated) = 0.9 –
tJIT(per),act,max – tJIT(per),allowed,max
tCK(avg)
For example, if the measured jitter into a LPDDR2-800 device has tCK(avg) = 2500ps,
tJIT(per),act,min = –172ps, and tJIT(per),act,max = +193ps, then tRPRE,min,derated =
0.9 - (tJIT(per),act,max - tJIT(per),allowed,max)/tCK(avg) = 0.9 - (193 - 100)/2500 =
0.8628 tCK(avg).
tLZ(DQ), tHZ(DQ), tDQSCK, tLZ(DQS), tHZ(DQS)
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Clock Period Jitter
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
129
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com