Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038Q2M Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 34Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 35Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
CONFIDENTIAL Rev. 1.3
July 17, 2019
ES9038Q2M Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
32
Register 27: General Configuration
Bits
[7]
[6:5]
[4]
[3]
[2]
[1:0]
Mnemonic
asrc_en
reserved
reserved
ch1_volume
latch_vol
18db_gain
Default
1’b1
2’b10
1’b1
1’b0
1’b1
2’b00
Bit
Mnemonic
Description
[7]
asrc_en
Selects whether the ASRC is enabled.
•
1’b0: ASRC is disabled and the output from the THD
compensation block is piped directly into the modulators.
•
1’b1: The ASRC is used as normal, providing a first order
correction on the sample rate converted data.
[6:5]
reserved
[4]
reserved
[3]
ch1_volume
Allows channel 2 to share the channel 1 volume control. This allows for
perfectly syncing up the two channel gains.
•
1’b0: Allow independent control of both channel 1 and channel
volume controls (default)
•
1’b1: Use the channel 1 volume control for both channel 1 and
channel 2
This bit can only be used for PCM audio data
[2]
latch_volume
Keeps the volume coefficients in synchronization with the programmed
volume register.
•
1’b0: Disables updates of the internal volume coefficients (useful
for updating each channel volume independently and then
moving the volume coefficients in tandem)
•
1’b1: The internal volume coefficient is kept in synchronization
with the volume registers
[1:0]
18db_gain
Applies +18dB gain to the DAC datapath.
•
2’b00: No gain on either channels
•
2’b01: Normal gain on channel 2, +18dB gain on channel 1
•
2’b10: +18dB gain on channel 2, normal gain on channel 1
•
2’b11: +18dB gain on both channel 2 and channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com