Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9038Q2M Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9038Q2M Datasheet HTML 1Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
CONFIDENTIAL
Analog Reinvented
ES9038Q2M
32-Bit Stereo Low Power Audio DAC
Datasheet
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
FEATURE
DESCRIPTION
Patented 32-bit HyperStream
® II DAC
o
+128dB DNR
o
–120dB THD+N
o
Industry’s highest performance 32-bit low power audio DAC with unprecedented
dynamic range and ultra-low distortion
o
Supports both synchronous and ASRC (asynchronous sample rate converter) modes
Patented Time Domain Jitter Eliminator
o
Unmatched audio clarity free from input clock jitter
64-bit accumulator & 32-bit processing
o
Distortion free signal processing
Integrated DSP Functions
o
Click-free soft mute and volume control
o
Programmable automute
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
o
Stereo or Mono output in current or voltage mode based on performance criterion
I2C control
o
Allows software control of DAC features
30-QFN package
o
Minimizes PCB footprint
40mW operating power consumption
1.3 mW standby power
o
Maximizes battery life
Versatile digital input
o
Supports SPDIF, PCM (I2S, LJ 16-32-bit), DoP or DSD input
o
Supports up to 768kHz PCM, DSD256 via DoP and native DSD1024
Customizable filter characteristics
o
7 presets or user programmable filters for custom sound signature
o
Bypassable oversampling filter
THD compensation
o
Minimize distortion from external PCB components and layout
Dedicated HPA Control
o
Power down HPA (supports auto shutdown at zero input for lower power)
o
Selects HPA auxiliary input
o
Programmable HPA charge pump frequency
Auto Gain Calibration
o
Minimize chip-to-chip gain variation
Clock Gearing
o
Reduce operating frequency for lower sampling rate to reduce power consumption
The ES9038Q2M SABRE32 Reference DAC is a very high-performance, 32-bit, stereo audio D/A converter designed
for: audiophile-grade power sensitive applications such as digital music players, Blu-ray players, audio pre-amplifiers and
A/V receivers, and professional applications such as recording systems, mixer consoles and digital audio workstations.
Using the critically acclaimed ESS patented 32-bit HyperStream® II DAC architecture and Time Domain Jitter Eliminator,
the ES9038Q2M delivers a DNR of up to 128dB and THD+N of
–120dB, a performance level that will satisfy the most
demanding audio enthusiasts.
The ES9038Q2M handles up to 32-bit 768kHz PCM, DSD256 via DoP and native DSD512 data in master or slave timing
modes. Custom sound signature is supported via a fully programmable FIR filter with 7 presets. Residual distortion from
suboptimal PCB components and layout can be minimized using
ES9038Q2M’s unique THD compensation circuit, while
chip-to-chip gain variation is minimized via a built-in auto gain calibration circuit.
The ES9038Q2M SABRE32 Reference DAC sets the standard, SABRE SOUND®, for HD audio performance, typically
consumes 40mW in normal operation mode (1.3mW in standby mode), and comes in an easy-to-use 30-QFN (3mm x
5mm) package.


Similar Part No. - ES9038Q2M

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9038 ESS-ES9038 Datasheet
1Mb / 58P
Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9038PRO ESS-ES9038PRO Datasheet
1Mb / 58P
Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
More results

Similar Description - ES9038Q2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
logo
ESS Technology,Inc
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
Reference 32-bit Audio DAC
August 9, 2021
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com