Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 17 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 17 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 13Page - Intel Corporation STK1AW32SC Datasheet HTML 14Page - Intel Corporation STK1AW32SC Datasheet HTML 15Page - Intel Corporation STK1AW32SC Datasheet HTML 16Page - Intel Corporation STK1AW32SC Datasheet HTML 17Page - Intel Corporation STK1AW32SC Datasheet HTML 18Page - Intel Corporation STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
2
Technical Reference
2.1
Memory Resources
2.1.1
Addressable Memory
The Intel Compute Stick utilizes up to 2 GB of addressable system memory. Typically the address
space that is allocated for PCI Conventional bus add-in cards, PCI Express configuration space,
BIOS (SPI Flash device), and chipset overhead resides above the top of DRAM (total system
memory). On a system that has 2 GB of system memory installed, it is not possible to use all of
the installed memory due to system address space being allocated for other system critical
functions. These functions include the following:
BIOS/SPI Flash device (64 Mb)
Local APIC (19 MB)
Direct Media Interface (40 MB)
PCI Express configuration space (256 MB)
SoC base address registers PCI Express ports (up to 256 MB)
Integrated graphics shared memory (up to 512 MB; 64 MB by default)
The Intel Compute Stick provides the capability to reclaim the physical memory overlapped by the
memory mapped I/O logical address space. Physical memory is remapped from the top of usable
DRAM boundary to the 2 GB boundary to an equivalent sized logical address range located just
above the 2 GB boundary. All installed system memory can be used when there is no overlap of
system addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com