Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 20 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 20 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 16Page - Intel Corporation STK1AW32SC Datasheet HTML 17Page - Intel Corporation STK1AW32SC Datasheet HTML 18Page - Intel Corporation STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation STK1AW32SC Datasheet HTML 22Page - Intel Corporation STK1AW32SC Datasheet HTML 23Page - Intel Corporation STK1AW32SC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
2.2.5
Power Adapter
The Intel Compute Stick uses a 5V 3A AC to DC power adapter. The power adapter is connected
to the Intel Compute Stick via a six foot cable with a USB Type B connector.
Item
Description
A
5V 3A Connector
Figure 8. Power Adapter
NOTE
The supplied power adapter with attached cable is required to power the Intel Compute Stick.
Powering the Intel Compute Stick using any other power adapter and cable is not supported.
2.2.6
Security Loop
The Intel Compute Stick has a 3mm x 3mm opening in the chassis to allow for securing the
Compute Stick.
Figure 9. Security Loop Opening



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com