Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 19 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 19 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 15Page - Intel Corporation STK1AW32SC Datasheet HTML 16Page - Intel Corporation STK1AW32SC Datasheet HTML 17Page - Intel Corporation STK1AW32SC Datasheet HTML 18Page - Intel Corporation STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation STK1AW32SC Datasheet HTML 22Page - Intel Corporation STK1AW32SC Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Regulatory Compliance and Battery Disposal Information
19
2.2.3
Micro SD Card Reader
The Intel Compute Stick has a microSecure Digital (SD) card reader that supports the Secure
Digital eXtended Capacity (SDXC) format. Micro SD card 8 GB, 16 GB, 32 GB, 64 GB and 128 GB
sizes are supported.
Figure 6. Micro SD Card Reader
2.2.4
Power Adapter Connector
The Intel Compute Stick is powered through a 5V DC connector on the side. The maximum
current rating is 3A.
Figure 7. Power Adapter Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com