Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 25 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 25 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation STK1AW32SC Datasheet HTML 22Page - Intel Corporation STK1AW32SC Datasheet HTML 23Page - Intel Corporation STK1AW32SC Datasheet HTML 24Page - Intel Corporation STK1AW32SC Datasheet HTML 25Page - Intel Corporation STK1AW32SC Datasheet HTML 26Page - Intel Corporation STK1AW32SC Datasheet HTML 27Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Regulatory Compliance and Battery Disposal Information
25
3.4
BIOS Updates
The BIOS can be updated using either of the following utilities, which are available on the Intel
World Wide Web site:
Intel Express BIOS Update Utility, which enables automated updating while in the Windows
environment. Using this utility, the BIOS can be updated from a file on a hard disk, a USB
drive (a flash drive or a USB hard drive), or a CD-ROM, or from the file location on the Web.
Intel F7 switch during POST allows a user to select where the BIOS .bio file is located and
perform the update from that location/device.
All utilities verify that the updated BIOS matches the target system to prevent accidentally
installing an incompatible BIOS.
NOTE
Review the instructions distributed with the upgrade utility before attempting a BIOS update.
For information about
Refer to
BIOS update utilities
http://www.intel.com/content/www/us/en/support/boards-and-kits/intel-
compute-stick/000005961.html
3.4.1
Language Support
The BIOS Setup program and help messages are supported in US English. Check the Intel web
site for support.
3.5
BIOS Recovery
It is unlikely that anything will interrupt a BIOS update; however, if an interruption occurs, the
BIOS could be damaged. Table 8 lists the drives and media types that can and cannot be used for
BIOS recovery. The BIOS recovery media does not need to be made bootable.
Table 8. Acceptable Drives/Media Types for BIOS Recovery
Media Type (Note)
Can be used for BIOS recovery?
Hard disk drive (connected to USB)
Yes
CD/DVD drive (connected to USB)
Yes
USB flash drive
Yes
NOTE
Supported file systems for BIOS recovery:
NTFS (sparse, compressed, or encrypted files are not supported)
FAT32
FAT16
FAT12
ISO 9660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com