Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 22 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 22 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 18Page - Intel Corporation STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation STK1AW32SC Datasheet HTML 22Page - Intel Corporation STK1AW32SC Datasheet HTML 23Page - Intel Corporation STK1AW32SC Datasheet HTML 24Page - Intel Corporation STK1AW32SC Datasheet HTML 25Page - Intel Corporation STK1AW32SC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
2.3
Mechanical Considerations
2.3.1
Form Factor
Figure 11 illustrates the mechanical form factor for the Intel Compute Stick. Dimensions are given
in millimeters.
Figure 11. Intel Compute Stick Dimensions
Table 6. Intel Compute Stick Weight Information
Item
Weight
Compute Stick only
60.0g
Compute Stick in package
253.6g
2.4
Reliability
The Mean Time Between Failures (MTBF) prediction is calculated using component and
subassembly random failure rates. The MTBF prediction is used to estimate repair rates and spare
parts requirements. The MTBF for the Compute Stick is driven by the fan Mean Time to Failure
(MTTF) of 46,855 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com