Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK1AW32SC Datasheet(PDF) 24 Page - Intel Corporation

Part # STK1AW32SC
Description  Intel짰 Compute Stick
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

STK1AW32SC Datasheet(HTML) 24 Page - Intel Corporation

Back Button STK1AW32SC Datasheet HTML 19Page - Intel Corporation STK1AW32SC Datasheet HTML 20Page - Intel Corporation STK1AW32SC Datasheet HTML 21Page - Intel Corporation STK1AW32SC Datasheet HTML 22Page - Intel Corporation STK1AW32SC Datasheet HTML 23Page - Intel Corporation STK1AW32SC Datasheet HTML 24Page - Intel Corporation STK1AW32SC Datasheet HTML 25Page - Intel Corporation STK1AW32SC Datasheet HTML 26Page - Intel Corporation STK1AW32SC Datasheet HTML 27Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24
3
Overview of BIOS Features
3.1
Introduction
The Intel Compute Stick uses an Intel BIOS that is stored in the Serial Peripheral Interface Flash
Memory (SPI Flash) and can be updated using a disk-based program. The SPI Flash contains the
BIOS Setup program, POST, the PCI auto-configuration utility, and Plug and Play support. The
initial production BIOSs are identified as SCCHTAX5.86A.
The BIOS Setup program can be used to view and change the BIOS settings for the computer, and
to update the system BIOS. The BIOS Setup program is accessed by pressing the <F2> key after
the Power-On Self-Test (POST) memory test begins and before the operating system boot begins.
3.2
BIOS Flash Memory Organization
The Serial Peripheral Interface Flash Memory (SPI Flash) includes a 64 Mb (8192 KB) flash
memory.
3.3
System Management BIOS (SMBIOS)
SMBIOS is a Desktop Management Interface (DMI) compliant method for managing computers in a
managed network.
The main component of SMBIOS is the Management Information Format (MIF) database, which
contains information about the computing system and its components. Using SMBIOS, a system
administrator can obtain the system types, capabilities, operational status, and installation dates
for system components. The MIF database defines the data and provides the method for
accessing this information. The BIOS enables applications such as third-party management
software to use SMBIOS. The BIOS stores and reports the following SMBIOS information:
BIOS data, such as the BIOS revision level
Fixed-system data, such as peripherals, serial numbers, and asset tags
Resource data, such as memory size, cache size, and processor speed
Dynamic data, such as event detection and error logging
Non-Plug and Play operating systems require an additional interface for obtaining the SMBIOS
information. The BIOS supports an SMBIOS table interface for such operating systems. Using this
support, an SMBIOS service-level application running on a non-Plug and Play operating system
can obtain the SMBIOS information. Additional information can be found in the BIOS under the
Additional Information header under the Main BIOS page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com