Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FS8160
Page 10
April 2003
The outputs selected by the FOLD[3:0] control bits for the multiplexed FOLD output pin
are defined in the table below.
Serial input data timing waveforms are shown in Fig. 3.
Fig. 3 – Serial input data timing waveforms
Table 6: Multiplexed FOLD output control bits
FOLD[3]
FOLD[2]
FOLD[1]
FOLD[0]
FOLD Output State
Aux. R, bit 17
Aux. R, bit 16
Aux. R, bit 15
Aux. R, bit 14
00
00
“0”
00
01
“1”
0
0
1
×
Main lock detector output
0
1
0
×
Aux. lock detector output
0
1
1
×
Main AND Aux. lock detector output
10
0
×
Main R-divider output
1
0
1
×
Aux. R-divider output
11
0
×
Main N-divider output
1
1
1
×
Aux. N-divider output
t
SU1
t
SU2
t
H1
DATA
CLK
LE
DATA
CLK
LE
23456 789 10 11 12 13 14 15 16 17
1
18
t
PWH
t
PWL
t
PW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com