Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8160
Page 7
April 2003
Phase/Frequency Detector (PFD)
The PFD compares an internal input frequency divider output signal, f
V, with an internal
reference frequency divider output signal, f
R, and generates an error signal which is pro-
portional to the phase error between f
V and fR. The polarity of the PFD is user-selectable
using serial input data control bits (see Table 5 on page 9). The input/output waveforms
for a positive polarity PFD (VCO frequency increases with increasing tuning voltage) are
shown in Fig. 1.
Fig. 1 – Positive polarity PFD input/output waveforms
Charge Pump
The charge pump output sources/sinks current to/from an external loop filter, which con-
verts the charge into a voltage used to control the external VCO’s frequency. When the
PLL is locked, the charge pump output is primarily in a high impedance (high-Z) state.
The magnitude of the charge pump output current is user-selectable using serial input data
control bits (see Table 5 on page 9).
Serial Input Data Format
The divide ratios for the input (N) and reference (R) dividers are input using an 18-bit
serial interface consisting of separate clock (CLK), data (DATA), and latch enable (LE)
lines. The format of the serial data is shown in Fig. 2.
Fig. 2 – Serial input data format
The data on the DATA line is written to the shift register on the rising edge of the CLK
signal and is input with MSB first. The data on the DATA line should be changed on the
falling edge of CLK, and LE should be held low while data is being written to the shift
register. Data is transferred from the shift register to one of the four (4) frequency divider
latches when LE is set high depending upon the state of the control bits (CB[1:0]) as indi-
high-Z
high-Z
high-Z
f
R
f
V
DOM, DOA
DATA[15:0]
CB[1:0]
17
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com