Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS8160 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS8160
Page 4
April 2003
Electrical Characteristics
(V
DD,main = VDD,aux = VDD = 3.0 V, TA = 25 °C unless otherwise noted)
Parameter
Symbol
Condition
Value
Unit
min.
typ.
max.
GENERAL
Current consumption
I
DD,total
1.1 GHz + 1.1 GHz
5.0
mA
1.1 GHz only
2.5
mA
Standby current consumption
I
DD,standby
ENM = ENA = low
1
µA
FIN operating frequency range
f
FIN
Main
100
1100
MHz
Auxiliary
100
1100
MHz
XIN operating frequency range
f
XIN
Logic mode
1
40
MHz
Crystal mode
1
20
MHz
FIN input sensitivity
P
FIN
Main
–15
0
dBm
Auxiliary
–15
0
dBm
XIN input sensitivity
V
XIN
0.5
V
DD,aux
V
pk-pk
DIGITAL INTERFACE
Logic LOW input voltage
V
IL
0.2 ×
V
DD
V
Logic HIGH input voltage
V
IH
0.8 ×
V
DD
V
Logic LOW input current
I
IL
V
IL = 0 V, VDD = 3.6 V
–1
1
µA
Logic HIGH input current
I
IH
V
IH = VDD = 3.6 V
–1
1
µA
XIN logic LOW input current
I
IL,XIN
V
IL = 0 V, VDD = 3.6 V
–100
µA
XIN logic HIGH input current
I
IH,XIN
V
IH = VDD = 3.6 V
100
µA
XOUT output current magnitude
I
XOUT
Logic mode, V
XOUT =
V
DD/2, VDD = 3.6 V
|200|
µA
Crystal mode, V
XOUT =
V
DD/2, VDD = 2.7 V
|300|
µA
Logic LOW output voltage
V
OL
I
OL = 500 µA
0.4
V
Logic HIGH output voltage
V
OH
I
OH = –500 µA
V
DD –
0.4
V
SERIAL PROGRAMMING TIMING
DATA to CLK setup time
t
SU1
50
nS
DATA to CLK hold time
t
H1
10
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com