Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FS8160
Page 6
April 2003
Functional Description
The FS8160 dual phase-locked loop (PLL) IC contains two identical PLLs (main and aux-
iliary). Both the main and auxiliary PLLs share the crystal oscillator, serial data input
logic, and multi-function lock detector output circuits. Each PLL has its own program-
mable input and reference frequency dividers, phase/frequency detectors, programmable
charge pumps, and digital-filtered lock detectors.
Programmable Input Frequency Divider
The VCO input to the FIN pin is divided by the programmable divider and then internally
output to the phase/frequency detector (PFD) as f
V. The programmable input frequency
divider consists of a ÷ 16/17 (P/P+1) dual-modulus prescaler and a 16-bit (N) counter,
which is further comprised of a 4-bit swallow (A) counter, and a 12-bit main (B) counter.
The total divide ratio, M, is related to values for P, A, and B through the relation
with
The minimum programmable divisor for continuous counting is given by
and the valid total divide ratio range for the input
divider is
Programmable Reference Frequency Divider
The crystal oscillator output is divided by the programmable divider and then internally
output to the PFD as f
R. The programmable reference frequency divider consists of a 13-
bit reference (R) counter. Because of its design, the valid total divide ratio range for the
reference divider is
MP
1
+
() AP
B A
–
()
×
+
×
PB
A,
+
×
==
B A.
≥
PP 1
–
()
×
16
15
×
240,
==
M
240 to 65535.
=
R
2 to 4095.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com