Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS8160 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FS8160
Page 3
April 2003
Absolute Maximum Ratings
V
SS = 0 V
Recommended Operating Conditions
V
SS = 0 V
Parameter
Symbol
Rating
Unit
Supply voltage
V
DD,main
V
SS – 0.3 to VSS + 6.5
V
V
DD,aux
V
SS – 0.3 to VSS + 6.5
V
Input voltage range
V
FIN,main
V
SS – 0.3 to VDD,main + 0.3
V
V
FIN,aux
V
SS – 0.3 to VDD,aux + 0.3
V
Operating temperature range
T
OPR
–40 to 85
°C
Storage temperature range
T
STG
–40 to 125
°C
Soldering temperature range
T
SLD
255
°C
Soldering time range
t
SLD
10
s
Parameter
Symbol
Value
Unit
min.
typ.
max.
Supply voltage range
V
DD,main
2.7
3.6
V
V
DD,aux
V
DD,main
V
DD,main
V
Operating temperature
T
A
–40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com