Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8160 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FS8160
Description  1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8160 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FS8160 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS8160 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FS8160
Page 9
April 2003
Similarly, the 16-bit main and auxiliary input (N) divider ratios are specified by the
MAINA[3:0] + MAINB[11:0] and AUXA[3:0] + AUXB[11:0] bits, respectively, and are
defined in the table below.
The charge pump control bits CP_CNTRL[3:0] set (1) the phase detector polarity and (2)
the magnitude of the charge pump source/sink current, and are defined below.
Table 4: Input divider ratios
Divide
Ratio
MAINB[11:0] and AUXB[11:0]
Divide
Ratio
MAINA[3:0] and
AUXA[3:0]
11
10
9876543210
3210
3
000000000011
0
0000
4
000000000100
1
0001
•
••••••••••••
•
••••
4095
111111111111
15
1111
Table 5: Charge pump and PFD control bits
Bit
Latch Location
Function
“0”
“1”
CP_CNTRL[3]
Main R, bit 17
Aux. charge pump current
Low, 160
µA
High, 1600
µA
CP_CNTRL[2]
Main R, bit 16
Main charge pump current
Low, 160
µA
High, 1600
µA
CP_CNTRL[1]
Main R, bit 15
Aux. phase/frequency detector polaritya
a. When the VCO frequency increases with increasing control voltage, set the phase/frequency detector
polarity to positive. When the VCO frequency decreases with increasing control voltage, set the
phase/frequency detector polarity to negative.
Negative
Positive
CP_CNTRL[0]
Main R, bit 14
Main phase/frequency detector polarity
Negative
Positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com