Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 11Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 12Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 13Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
14 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
The storage arrangements described lead to extremely efficient data loading in cascaded
applications. When a series of display bytes are sent to the display RAM, automatic
wrap-over to the next PCA8576F occurs when the last RAM address is exceeded.
Subaddressing across device boundaries is successful even if the change to the next
device in the cascade occurs within a transmitted character.
The hardware subaddress must not be changed while the device is being accessed on the
I2C-bus interface.
7.3.7 Writing over the RAM address boundary
In all multiplex drive modes, depending on the setting of the data pointer, it is possible to
fill the RAM over the RAM address boundary. If the PCA8576F is part of a cascade the
additional bits fall into the next device that also generates the acknowledge signal. If the
PCA8576F is a single device or the last device in a cascade the additional bits will be
discarded and no acknowledge signal will be generated.
7.3.8 Bank selection
7.3.8.1
RAM bank switching
The PCA8576F includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. A bank can be thought of as one RAM row or a collection of RAM rows (see
Figure 9). The RAM bank switching gives the provision for preparing display information in
an alternative bank and to be able to switch to it once it is complete.
There are two banks; bank 0 and bank 1. Figure 9 shows the location of these banks
relative to the RAM map. Input and output banks can be set independently from one
another with the Bank-select command (see Table 10 on page 7). Figure 10 shows the
concept.
Fig 9.
RAM banks in static and multiplex driving mode 1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com