Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
19 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
where the values for n are
n = 1 for static drive mode
n = 2 for 1:2 multiplex drive mode
n = 3 for 1:3 multiplex drive mode
n = 4 for 1:4 multiplex drive mode
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 2:
(2)
Discrimination is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 3:
(3)
Using Equation 3, the discrimination for an LCD drive mode of 1:3 multiplex with
1⁄2 bias is
and the discrimination for an LCD drive mode of 1:4 multiplex with
1⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage VLCD
as follows:
• 1:3 multiplex (1⁄2 bias):
• 1:4 multiplex (1⁄2 bias):
These compare with
when 1⁄3 bias is used.
VLCD is sometimes referred as the LCD operating voltage.
7.6.2.1
Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel will be switched on or off, determine the transmissibility of
the pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 14. For a good contrast performance, the following rules should be followed:
(4)
(5)
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a, n (see Equation 1 to Equation 3) and the VLCD voltage.
V
off RMS

a2
2a
–
n
+
n
1a
+

2
------------------------------
V
LCD
=
D
V
on RMS

V
off RMS

-----------------------
a
2
2a
n
++
a
2
2a
–
n
+
---------------------------
==
3
1.732
=
21
3
----------
1.528
=
V
LCD
6V
off RMS

2.449V
off RMS

==
V
LCD
43

3
----------------------
2.309V
off RMS

==
V
LCD
3V
off RMS

=
V
on RMS

V
th on

V
off RMS

V
th off




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com