Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 33Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
36 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
13. Dynamic characteristics
[1]
Typical output duty factor: 50 % measured at the CLK output pin.
[2]
Not tested in production.
Table 21.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
fclk(int)
internal clock frequency
[1] 3505
4800
6240
Hz
fclk(ext)
external clock frequency
960
-
6720
Hz
ffr
frame frequency
internal clock
146
200
260
Hz
external clock
40
-
280
Hz
tclk(H)
HIGH-level clock time
60
-
-
s
tclk(L)
LOW-level clock time
60
-
-
s
Synchronization
tPD(SYNC_N) SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
1
-
-
s
tPD(drv)
driver propagation delay
VLCD = 5 V
[2] --
30
s
I2C-bus[3]
Pin SCL
fSCL
SCL clock frequency
-
-
400
kHz
tLOW
LOW period of the SCL
clock
1.3
-
-
s
tHIGH
HIGH period of the SCL
clock
0.6
-
-
s
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
Pins SCL and SDA
tBUF
bus free time between a
STOP and START
condition
1.3
-
-
s
tSU;STO
set-up time for STOP
condition
0.6
-
-
s
tHD;STA
hold time (repeated)
START condition
0.6
-
-
s
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
s
tr
rise time of both SDA and
SCL signals
fSCL = 400 kHz
-
-
0.3
s
fSCL < 125 kHz
-
-
1.0
s
tf
fall time of both SDA and
SCL signals
--
0.3
s
Cb
capacitive load for each
bus line
--
400
pF
tw(spike)
spike pulse width
on the I2C-bus
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com