Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 40Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 41Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 42Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 43Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 44Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 45Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
42 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
[1]
Dimension not drawn to scale.
Table 24.
Dimensions of PCA8576FUG
Original dimensions are in mm.
Unit (mm)
A
A1
A2
b
D
E
e[1]
L
max
-0.012
--
--
--
nom
0.40
0.015
0.381
0.052
2.2
2.0
-
0.077
min
-
0.018
-
-
-
-
0.072
-
Table 25.
Bump location for PCA8576FUG
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2, and Figure 31).
Symbol
Pad
X (
m)
Y (
m)
Description
SDA
1
34.38
876.6
I2C-bus serial data input/output
SCL
2
109.53
876.6
I2C-bus serial clock input
SCL
3
181.53
876.6
SYNC
4
365.58
876.6
cascade synchronization input/output
CLK
5
469.08
876.6
external clock input/output
VDD
6
577.08
876.6
supply voltage
OSC
7
740.88
876.6
internal oscillator enable input
A0
8
835.83
876.6
subaddress inputs
A1
9
1005.48
630.9
T1
10
1005.48
513.9
test pin
SA0
11
1005.48
396.9
I2C-bus address input; bit 0
VSS
12
1005.48
221.4
ground supply voltage
VLCD
13
1005.48
10.71
LCD supply voltage
BP0
14
1005.48
156.51
LCD backplane outputs
BP2
15
1005.48
232.74
BP1
16
1005.48
308.97
BP3
17
1005.48
385.2
S0
18
1005.48
493.2
LCD segment outputs
S1
19
1005.48
565.2
S2
20
1005.48
637.2
S3
21
1005.48
709.2
S4
22
347.22
876.6
S5
23
263.97
876.6
S6
24
180.72
876.6
S7
25
97.47
876.6
S8
26
14.22
876.6
S9
27
69.03
876.6
S10
28
152.28
876.6
S11
29
235.53
876.6
S12
30
318.78
876.6
S13
31
402.03
876.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com