Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 14Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 16Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 17Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 18Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 19Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 20Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 21Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
18 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
The host microcontroller maintains the 2-line I2C-bus communication channel with the
PCA8576F. The internal oscillator is enabled by connecting pin OSC to pin VSS. The
appropriate biasing voltages for the multiplexed LCD waveforms are generated internally.
The only other connections required to complete the system are to the power supplies
(VDD, VSS, and VLCD) and the LCD panel chosen for the application.
7.6 LCD voltage
7.6.1 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of three
impedances connected between pins VLCD and VSS. The center impedance is bypassed
by switch if the 1⁄2 bias voltage level for the 1:2 multiplex drive mode configuration is
selected. The LCD voltage can be temperature compensated externally using the supply
to pin VLCD.
7.6.2 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 16.
Discrimination is a term which is defined as the ratio of the on and off RMS voltage across
a segment. It can be thought of as a measurement of contrast.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth(off)), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth(off).
Multiplex drive modes of 1:3 and 1:4 with 1⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1⁄2 bias
a = 2 for 1⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
Table 16.
Biasing characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Levels
static
1
2
static
0
1
1:2 multiplex
2
3
1⁄2
0.354
0.791
2.236
1:2 multiplex
2
4
1⁄3
0.333
0.745
2.236
1:3 multiplex
3
4
1⁄3
0.333
0.638
1.915
1:4 multiplex
4
4
1⁄3
0.333
0.577
1.732
V
off RMS

V
LCD
-------------------------
V
on RMS

V
LCD
------------------------
D
V
on RMS

V
off RMS

-------------------------
=
1
1a
+
-------------
V
on RMS

a2
2a
n
++
n
1a
+

2
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com