Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 24Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 25Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 26Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 27Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 28Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
28 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
8.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge
cycle.
• A slave receiver, which is addressed, must generate an acknowledge after the
reception of each byte.
• A master receiver must generate an acknowledge after the reception of each byte that
has been clocked out of the slave transmitter.
• The device that acknowledges must pull-down the SDA line during the acknowledge
clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times must be taken into
consideration).
• A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event, the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Acknowledgement on the I2C-bus is illustrated in Figure 23.
Fig 22. System configuration
Fig 23. Acknowledgement of the I2C-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com