Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 4 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 4 Page - Microchip Technology

  PD69200 Datasheet HTML 1Page - Microchip Technology PD69200 Datasheet HTML 2Page - Microchip Technology PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1.
Architecture
The following figures shows the simplified hardware and the firmware architecture of the PoE system based on the
PD69200 controller and the PD69208T4, PD69204T4, and PD69208M managers.
Figure 1-1. Simplified Hardware Architecture
PoE Manager
PD69208T4
PD69204T4
PD69208M
PoE Controller
PD69200
Host
Microprocessor
SPI
I2C
UART
Figure 1-2. Simplified Firmware Architecture
PoE Manager
PoE Controller
P3.xx Firmware
Supports 802.3bt and PoH
P2.xx Firmware
Supports 802.3af/at and PoH
Host Microprocessor
GUI
Customer
Application
API
System
Services
Serial
Communication
Protocol
I2C or UART
• Dark grey boxes indicate Microchip supplied firmware
• Light grey boxes indicate Microchip provided documentation
• White boxes are user supplied
1.1
Firmware
• Firmware is pre-programmed in PD69200 controller. The firmware version is identifiable via the IC ordering part
number.
• Firmware is vendor agnostic with regards to the choice of the host controller.
• May operated “stand alone” or with I2C or UART communication to host.
• The default profiles are coded into the firmware. Microchip offers a configuration tool for profile modification.
• Firmware is field-upgradeable via the I2C or UART link.
1.2
Communication
Communication between the host application and the controller’s firmware may be done via a 15 byte protocol.
Customers may use a Microchip provided API. Microchip provides a Serial Communication Protocol guide.
1.3
GUI
This is a diagnostic tool to control the Microchip PSE emulating or bypassing the host processor.
PD69200
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com