Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 1 Page - Microchip Technology

  PD69200 Datasheet HTML 1Page - Microchip Technology PD69200 Datasheet HTML 2Page - Microchip Technology PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PD69200
PoE PSE Controller
Introduction
The Microchip family of PSE controllers include the PD69200, PD69210, and PD69220 devices. The PD69200
controller is based on the NXP Kinetis® L family, MKL15Z128VFM4. The PD69210 and PD69220 are based on the
Microchip SAM D21 family. The PD69200 and PD69220 are pin compatible with an identical feature set. The
PD69200 is available for existing designs. The PD69210 and PS69220 are recommended for all new designs.
When paired with the Microchip PD69208T4, PD69204T4, or PD69208M Managers, the PD69200 controller is part of
a Power over Ethernet Power Source Equipment (PSE) system. This system enables designers to integrate
enhanced mode PoE capabilities, as specified in IEEE 802.3af, IEEE 802.3at, IEEE 802.3bt, and PoH standards.
The PD69200 is available in a 32-pin, 5 mm x 5 mm QFN package.
Typical PoE Application
The following figure shows the typical PoE application of PD69208T4 and PD69200 devices.
Figure 1. Typical PoE Application
xRESET_IN
UART_TX
UART_RX
I2C_SCL
I2C_SDA
UART/I2C_Address
xDISABLE_PORTS
xINT_OUT
VSSA VSS
VDDA VDD
MOSI
xLED_CS
xLED_OE
xLED_LATCH
3.3V_ISO
3.3V_ISO
I2C Interface
No Isolation Required
UART Interface
No Isolation Required
3.3V_ISO
PD69200
PoE Controller
Optional LED Buffers Control
(with SPI Bus)
SCK
xCS
MISO
ENCODE
ENCODE
ENCODE
DECODE
DECODE
DECODE
DECODE
ENCODE
AD80273ARWZ
Isolation
MOSI
SCK
xCS
MISO
IREF
DGND
AGND
PGD<0:3>
Power
Supply
Monitoring
VAUX5
VAUX3P3
VMAIN
5V
3.3V
VMAIN
PD69208T4
PD69204T4
PD69208M
PoE Manager
VMAIN
VMAIN
PORT_NEG0
PORT_NEG7
(PD69208T4/M)
PORT_NEG3
(PD69204T4)
Required for
IEC62368-1 Ed 3
System Bulk
Capacitor
Required for
IEC62368-1 Ed 3
Consult Microchip AN3361 Designing an IEEE 802.3af/802.3at/802.3bt-Compliant PD69208 48-Port PoE System for
complete reference design.
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 1


Similar Part No. - PD69200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD69204T4 MICROCHIP-PD69204T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69204T4ILQ-TR-LE MICROCHIP-PD69204T4ILQ-TR-LE Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69208M MICROCHIP-PD69208M Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69208MILQ-TR-LE MICROCHIP-PD69208MILQ-TR-LE Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results

Similar Description - PD69200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
PoE PSE Controller Datasheet
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com