Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 6 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 2Page - Microchip Technology PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology PD69200 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1.8
UART - I2C Address Selection
The choice of UART or I2C interface between the host CPU is made by applying a specific voltage level to pin #22
(I2C_ADDR_MEAS) on the PD69200. Additionally, the specific I2C address is also set by this voltage level. The
voltage is set via an external resistor as shown in the following figure.
Figure 1-3. I2C Address Selection
3.3V
PD69200 22
10K
R1
The following table shows the specific values of R to choose UART or I2C and to set the address.
Table 1-2. I2C Address Selection for PD69200
I2C_ADDR Voltage Low
Level (V)
I2C_ADDR Voltage High
Level (V)
I2C Address
(Hexadecimal)
R1- KΩ (1%)
0
0.21
UART
N.C.
0.21
0.41
0x4
97.6
0.41
0.62
0x8
53.6
0.62
0.83
0xC
35.7
0.83
1.03
0x10
25.5
1.03
1.24
0x14
19.1
1.24
1.44
0x18
14.7
1.44
1.65
0x1C
11.3
1.65
1.86
0x20
8.87
1.86
2.06
0x24
6.81
2.06
2.27
0x28
5.23
2.27
2.48
0x2C
3.92
2.48
2.68
0x30
2.80
2.68
2.89
0x34
1.87
2.89
3.09
0x38
1.02
3.09
3.30
0x3C
0.324
PD69200
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com