Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 5 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 5 Page - Microchip Technology

  PD69200 Datasheet HTML 1Page - Microchip Technology PD69200 Datasheet HTML 2Page - Microchip Technology PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1.4
Software Library
The firmware (without the boot section), GUI, and API is available on Microchip’s software library https://
www.microchip.com/doclisting/SoftwareLib.aspx.
1.5
SPI Communication
The PD69208T4, PD69204T4, and PD69208M managers use SPI communication in SPI slave mode to communicate
with the various controllers. Each manager has an address determined by ADDR0-ADDR3 pins. Each controller can
support up to 12 ICs at addresses 0–11. The actual frequency between PD69200 and PD6920x ICs is 1 MHz.
The following table lists the SPI communication packet structure.
Table 1-1. SPI Communication – Packet Structure
Control Byte
Selects PD69208T4
According to
Address
R/W Bit
Internal Register
Address
Number of Words
(Read Access Only)
Data Written to IC
(Write Access Only)
Read from IC (Read
Access Only)
8 bits
R(0)/W(1)
8 bits
8 bits
16 bits
See the PD69208T4, PD69204T4, and PD69208M Manager datasheet for additional details on the SPI interface.
1.6
UART
A pull-up resistor is required on the UART communication line. For more information, see AN3361 Designing an
IEEE802.3af/at/bt PoE System Based on PD692x0/PD69208.
Following is the UART communications configuration setting details:
• Bits per second: 19,200 bps
• Data bits: 8
• Parity: None
• Stop bits: 1
• Flow control: None
1.7
I2C
The PD69200 requires the host to support I2C clock stretch.
Following is the I2C communication configuration setting details:
• Address: 7 bits
• Clockstretch: host should support
• Transaction: 15 bytes or 1 byte
PD69200
Architecture
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com