Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology PD69200 Datasheet HTML 10Page - Microchip Technology PD69200 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2.
Electrical Specifications
For a complete list of electrical ratings and characteristics, see NXP KL15P80M48SF0 KL15 Sub-Family Data Sheet.
2.1
Electrical Characteristics
The following table list typical value conditions of PD69200.
Table 2-1. Typical Value Conditions
Symbol
Parameter
Min Typ
Value
Max
Units
TA
Ambient
temperature
-40
25
85
°C
VDD
3.3 V supply
voltage
3.0
3.3
3.63
V
2.2
Immunity
The following table lists the immunity conditions of PD69200.
Table 2-2. PD69200 Immunity
Symbol
Parameter
Conditions
Min
Max
Units
ESD
ESD rating
HBM1
-2000
2000
V
ESD rating
CDM2
-500
500
V
Note: 
1.
Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing
Human Body Model (HBM).
2.
Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method
for Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
PD69200
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com