Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69200 Datasheet(PDF) 10 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology PD69200 Datasheet HTML 10Page - Microchip Technology PD69200 Datasheet HTML 11Page - Microchip Technology PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
3.2
Pin Details
The following tables describe the functional pin descriptions of the PD69200 device.
Table 3-1. PD69200 Pin Description
Number
Designation
Type
Description
1
Reserved
OUT
Reserved UART - Leave Open
2
Reserved
IN
Reserved UART - Pull up to 3.3 V via 10K
3
ESPI_xCS
OUT
ESPI Bus to PoE Manager. SPI chip select.
Pull-up required. See AN3361 for pin
connection requirements. (Active Low)
4
ESPI_SCK
OUT
ESPI Bus to PoE Manager. SPI clock output to
PD6920x, and LED stream clock output, set to
1 MHz.
5
ESPI_MOSI
OUT
ESPI Bus to PoE Manager. SPI Master Out
Slave In. SPI packets are transmitted on this
line.
6
ESPI_MISO
IN
ESPI Bus to PoE Manager. SPI Master In
Slave Out. SPI packets are received on this
line.
7
VDDA
Supply
Main Supply 3.3 V
8
VSSA
GND
Ground
9
Reserved
Analog_IN
Reserved Analog_IN. Connect to 3.3 V.
10
SWD_CLK
Leave Open
11
UART0_RXx
IN
UART receive from host. 15-byte protocol
commands are received on this line. The baud
rate is set to 19,200 bps. A pull up is required.
See AN3361 for details.
12
UART0_TX
OUT
UART transmit to host. 15-byte protocol reply/
telemetry is transmitted on this line. The baud
rate is set to 19,200 bps.
13
SWD_DIO
Leave Open
14
Reserved
Analog_IN
Reserved Analog_IN. Connect to 3.3 V or GND
through 10 kΩ.
15
VDD
Supply
Main Supply 3.3 V
16
VSSD
GND
Ground
17
Reserved
Oscillator
Reserved – Oscillator input – Leave open
18
Reserved
Oscillator
Reserved – Oscillator output – Leave open
19
xRESET
IN/OUT
Host Reset input. This pin is active low. The
controller can generate self-reset. In this case,
the xRESET pin is driven low by the controller
for about 100 μs. See AN3361 for pin
connection requirements.
PD69200
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com