Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572LX Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 53Page - STMicroelectronics SPC572LX Datasheet HTML 54Page - STMicroelectronics SPC572LX Datasheet HTML 55Page - STMicroelectronics SPC572LX Datasheet HTML 56Page - STMicroelectronics SPC572LX Datasheet HTML 57Page - STMicroelectronics SPC572LX Datasheet HTML 58Page - STMicroelectronics SPC572LX Datasheet HTML 59Page - STMicroelectronics SPC572LX Datasheet HTML 60Page - STMicroelectronics SPC572LX Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
DocID027866 Rev 5
57/112
SPC572Lx
Electrical characteristics
111
3.13
Temperature sensor
The following table describes the temperature sensor electrical characteristics.
3.14
LVDS Fast Asynchronous Serial Transmission (LFAST) pad
electrical characteristics
The LFAST pad electrical characteristics apply to both the SIPI and high-speed debug serial
interfaces on the device. The same LVDS pad is used for the Microsecond Channel (MSC)
and DSPI LVDS interfaces, with different characteristics given in the following tables.
14. This capacitance does not include pin capacitance, that can be considered together with external capacitance, before
sampling switch.
Table 27. Temperature sensor electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
—
CC
—
Temperature monitoring range
—
–40
—
150
°C
TSENS
CC
P
Sensitivity
—
—
5.18
—
mV/°C
TACC
CC
P
Accuracy
TJ < 150 °C
–3
—
3
°C
ITEMP_SENS
CC
C
VDD_HV_ADV power supply
current
—
—
—
700
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com